| Moteur de recherche de fiches techniques de composants électroniques |
|
M24C02WDS6TP Fiches technique(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C02WDS6TP Fiches technique(HTML) 33 Page - STMicroelectronics |
|
33 / 34 page ![]() M24C16, M24C08, M24C04, M24C02, M24C01 Revision history 33/34 7-Oct-2005 6.0 Product List summary table added. AEC-Q100-002 compliance. Device Grade information clarified. Updated Device internal reset section, Figure 3, Figure 4, Table 16 and Table 22 Added ECOPACK® information. Updated tW=5ms for the M24Cxx-W. 17-Jan-2006 7.0 Pin numbers removed from silhouettes (see on page 1). Internal Device Reset paragraph moved to below Section 2.4: Supply voltage (VCC). Section 2.4: Supply voltage (VCC) added below Section 2: Signal description. Test conditions for VOL updated in Table 9 and Table 10 SO8N package specifications updated (see Table 18) New definition of ICC1 over the whole VCC range (see Tables 9, 10 and 11). 19-Sep-2006 8 Document converted to new ST template. SO8 and UFDFPN8 package specifications updated (see Section 7: Package mechanical). Section 2.4: Supply voltage (VCC) clarified. ILI value given with the device in Standby mode in Tables 9, 10 and 11. Information given in Table 16: AC characteristics (M24Cxx-R and M24Cxx- F) are no longer preliminary data. 03-Aug-2007 9 1.7 V to 5.5 V VCC voltage range added (M24C16-F, M24C08-F, M24C04-F part numbers added; Table 8 and Table 12 added). Section 2.4: Supply voltage (VCC) modified. Note 1 updated to latest standard revision in Table 5: Absolute maximum ratings. Rise/fall time conditions for ICC modified in Table 9, Table 10 and Table 11. ICC1 conditions modified in Table 11: DC characteristics (M24Cxx-R). Note removed below Table 14: Input parameters. tW modified for M24Cxx-R in Table 16, note added. TSSOP8 (DS) package specifications updated (see Table 21 and Figure 16). Added: Table 23, Table 24, Table 25, Table 26 and Table 27 summarizing all available products. Table 22: Ordering information scheme: Blank option removed under Plating technology, /W removed under Process. 27-Sep-2007 10 Section 2.3: Chip Enable (E0, E1, E2) updated. Concerned signals specified for VIL and VIH parameters, and note removed in DC characteristics tables (Table 9, Table 10, Table 11 and Table 12). tW modified in Table 16: AC characteristics (M24Cxx-R and M24Cxx-F). M24C08-F and M24C04-F offered in UFDFPN8 package in the temperature range 5 (see Table 24 and Table 25). Table 28. Document revision history (continued) Date Version Changes |