Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VN751PT Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce VN751PT
Description  High side driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN751PT Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button VN751PT Datasheet HTML 8Page - STMicroelectronics VN751PT Datasheet HTML 9Page - STMicroelectronics VN751PT Datasheet HTML 10Page - STMicroelectronics VN751PT Datasheet HTML 11Page - STMicroelectronics VN751PT Datasheet HTML 12Page - STMicroelectronics VN751PT Datasheet HTML 13Page - STMicroelectronics VN751PT Datasheet HTML 14Page - STMicroelectronics VN751PT Datasheet HTML 15Page - STMicroelectronics VN751PT Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Package mechanical data
VN751PT
12/16
8
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK® packages.
These packages have a lead-free second level interconnect . The category of second level
interconnect is marked on the package and on the inner box label, in compliance with JEDEC
Standard JESD97. The maximum ratings related to soldering conditions are also marked on
the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at:
www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16