| Moteur de recherche de fiches techniques de composants électroniques |
|
M24C02FMN6TP Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C02FMN6TP Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 34 page ![]() M24C16, M24C08, M24C04, M24C02, M24C01 DC and AC parameters 23/34 Table 16. AC characteristics (M24Cxx-R and M24Cxx-F) Test conditions specified in Table 7 and Table 11 Symbol Alt. Parameter Min. Max. Unit fC fSCL Clock frequency 400 kHz tCHCL tHIGH Clock pulse width high 600 ns tCLCH tLOW Clock pulse width low 1300 ns tDL1DL2 (1) 1. Sampled only, not 100% tested. tF SDA fall time 20 300 ns tDXCX tSU:DAT Data in setup time 100 ns tCLDX tHD:DAT Data in hold time 0 ns tCLQX tDH Data out hold time 200 ns tCLQV (2) 2. To avoid spurious Start and Stop conditions, a minimum delay is placed between SCL=1 and the falling or rising edge of SDA. tAA Clock low to next data valid (access time) 200 900 ns tCHDX (3) 3. For a reStart condition, or following a Write cycle. tSU:STA Start condition setup time 600 ns tDLCL tHD:STA Start condition hold time 600 ns tCHDH tSU:STO Stop condition setup time 600 ns tDHDL tBUF Time between Stop condition and next Start condition 1300 ns tW tWR Write time 5(4) 4. tW(max) = 5 ms (instead of 10 ms) is offered from Week 41 2007. These devices can be identified with the process letter printed on the package: M24C01: process letter is either S or G M24C02: process letter is either S or G M24C04: process letter is Q M24C08: process letter is Q M24C016: process letter is either $ or Q ms |