Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M95256WMN6TP Fiches technique(PDF) 43 Page - STMicroelectronics

No de pièce M95256WMN6TP
Description  256 Kbit serial SPI bus EEPROM with high-speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95256WMN6TP Fiches technique(HTML) 43 Page - STMicroelectronics

Back Button M95256WMN6TP Datasheet HTML 36Page - STMicroelectronics M95256WMN6TP Datasheet HTML 37Page - STMicroelectronics M95256WMN6TP Datasheet HTML 38Page - STMicroelectronics M95256WMN6TP Datasheet HTML 39Page - STMicroelectronics M95256WMN6TP Datasheet HTML 40Page - STMicroelectronics M95256WMN6TP Datasheet HTML 41Page - STMicroelectronics M95256WMN6TP Datasheet HTML 42Page - STMicroelectronics M95256WMN6TP Datasheet HTML 43Page - STMicroelectronics M95256WMN6TP Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
M95256, M95256-W, M95256-R
Revision history
43/44
15-Oct-2007
7
M95256 with device grade 6 temperature range removed.
Section 3.7: VSS ground added, Section 3.8: Supply voltage (VCC)
modified. Small text changes.
Section 5.4: Write Status Register (WRSR), Section 5.5: Read from
Memory Array (READ) and Section 5.6.1: ECC (error correction code) and
Write cycling updated.
Note 2 below Figure 13: Bus master and memory devices on the SPI bus
removed, replaced by explanatory paragraph.
TLEAD added to Table 6: Absolute maximum ratings.
Test conditions modified for ICC0 and ICC1, and VIH min modified in
Table 16: AC characteristics (M95256, device grade 3).
tW modified and “preliminary data” note removed in Table 19: AC
characteristics (M95256-R).
Blank option removed below Plating technology, process A modified and
process V removed in Table 24: Ordering information scheme.
Table 25: Available M95256x products (package, voltage range,
temperature grade) added.
SO8N and SO8W package specifications updated (see Section 10:
Package mechanical data). Package mechanical data: inches calculated
from mm and rounded to 3 decimal digits.
27-Mar-2008
8
Section 3.8: Supply voltage (VCC) modified. Small text changes.
Frequency corrected on page 1.
VIL and VIH modified in Table 15: DC characteristics (M95256-R).
AB Process added to Table 24: Ordering information scheme.
15-Jul-2008
9
WLCSP package added (see Figure 3: WLCSP connections (top view,
marking side, with balls on the underside) and Section 10: Package
mechanical data).
Table 26.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com