Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST6203C Fiches technique(PDF) 60 Page - STMicroelectronics

No de pièce ST6203C
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6203C Fiches technique(HTML) 60 Page - STMicroelectronics

Back Button ST6203C Datasheet HTML 56Page - STMicroelectronics ST6203C Datasheet HTML 57Page - STMicroelectronics ST6203C Datasheet HTML 58Page - STMicroelectronics ST6203C Datasheet HTML 59Page - STMicroelectronics ST6203C Datasheet HTML 60Page - STMicroelectronics ST6203C Datasheet HTML 61Page - STMicroelectronics ST6203C Datasheet HTML 62Page - STMicroelectronics ST6203C Datasheet HTML 63Page - STMicroelectronics ST6203C Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 100 page
background image
ST6200C/ST6201C/ST6203C
60/100
11.3 OPERATING CONDITIONS
11.3.1 General Operating Conditions
Notes:
1. An oscillator frequency above 1.2MHz is recommended for reliable A/D results.
2. Operating conditions with TA=-40 to +125°C.
Figure 32. fOSC Maximum Operating Frequency Versus VDD Supply Voltage for OTP & ROM devices
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
Supply voltage
see Figure 32
3.0
6
V
fOSC
Oscillator frequency
VDD=3.0V, 1 & 6 Suffix
0 1)
4
MHz
VDD=3.0V, 3 Suffix
0 1)
4
VDD=3.6V, 1 & 6Suffix
0 1)
8
VDD=3.6V, 3 Suffix
0 1)
4
VDD
Operating Supply Voltage
fOSC=4MHz, 1 & 6 Suffix
3.0
6.0
V
fOSC=4MHz, 3 Suffix
3.0
6.0
fOSC=8MHz, 1 & 6 Suffix
3.6
6.0
fOSC=8MHz, 3 Suffix
4.5
6.0
TA
Ambient temperature range
1 Suffix Version
0
70
°C
6 Suffix Version
-40
85
3 Suffix Version
-40
125
1
2.5
3.6
4
4.5
5
5.5
6
8
7
6
5
4
3
2
SUPPLY
3
fOSG
fOSG Min
fOSC [MHz]
3
VOLTAGE (VDD)
2
1
1. In this area, operation is guaranteed at the quartz crystal frequency.
2. When the OSG is disabled, operation in this area is guaranteed at the crystal frequency. When the
3. When the OSG is disabled, operation in this area is guaranteed at the quartz crystal frequency. When
OSG is enabled, operation in this area is guaranteed at a frequency of at least fOSG Min.
the OSG is enabled, access to this area is prevented. The internal frequency is kept at fOSG.
1 & 6 suffix version
3 suffix version
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com