| Moteur de recherche de fiches techniques de composants électroniques |
|
M41ST87WMX6 Fiches technique(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41ST87WMX6 Fiches technique(HTML) 7 Page - STMicroelectronics |
|
7 / 48 page ![]() M41ST87Y, M41ST87W Description 7/48 Figure 1. Logic diagram 1. Open drain output 2. Programmable output (open drain or full-CMOS) Figure 2. 28-pin, 300 mil SOIC (MX) connections Note: No function (NF) and no connect (NC) pins should be tied to VSS. Pins 1, 2, 3, and 4 are internally shorted together. AI07023 SCL VCC M41ST87Y M41ST87W EX VSS VBAT SDA RSTIN1 IRQ/OUT (1) SQW/FT (2) WDI RSTIN2 TP1IN PFI2 TP2IN PFI1 ECON RST (1) PFO1 (2) PFO2 (2) VOUT F32k (1) TPCLR AI07025b 8 2 3 4 5 6 7 9 10 11 12 13 14 22 21 20 19 18 17 16 15 28 27 26 25 24 23 1 RSTIN1 RSTIN2 PFI2 NF NC SQW/FT WDI NF NC IRQ/OUT F32k VOUT TP1IN EX PFI1 SCL TPCLR PFO1 ECON VSS VBAT TP2IN SDA RST NF NF VCC M41ST87Y M41ST87W PFO2 |