Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6728A Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce L6728A
Description  High frequency single phase PWM controller with Power Good
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6728A Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button L6728A Datasheet HTML 24Page - STMicroelectronics L6728A Datasheet HTML 25Page - STMicroelectronics L6728A Datasheet HTML 26Page - STMicroelectronics L6728A Datasheet HTML 27Page - STMicroelectronics L6728A Datasheet HTML 28Page - STMicroelectronics L6728A Datasheet HTML 29Page - STMicroelectronics L6728A Datasheet HTML 30Page - STMicroelectronics L6728A Datasheet HTML 31Page - STMicroelectronics L6728A Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
L6728A
Mechanical data and package dimensions
30/32
13
Mechanical data and package dimensions
Figure 18.
Mechanical data and package dimensions
DIMENSIONS
REF.
mm
mils
MIN.
TYP. MAX. MIN.
TYP.
MAX.
A
0.80
0.90
1.00
31.49
35.43
39.37
A1
0.02
0.05
0.787
1.968
A2
0.70
27.55
A3
0.20
7.874
b
0.18
0.23
0.30
7.086
9.055
11.81
D
3.00
118.1
D2
2.21
2.26
2.31
87.00
88.97
90.94
E
3.00
118.1
E2
1.49
1.64
1.74
58.66
64.56
68.50
e0.50
L
0.3
0.4
0.5
11.81
15.74
19.68
PACKAGE AND
PACKING INFORMATION
VFDFPN10 3x3mm
Weight: not available
Very thin Fine pitch Dual Flat
Packages No lead
M
m
0.75
29.52
0.25
9.842
19.68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32