Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L5987A Fiches technique(PDF) 37 Page - STMicroelectronics

No de pièce L5987A
Description  3 A step-down switching regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5987A Fiches technique(HTML) 37 Page - STMicroelectronics

Back Button L5987A Datasheet HTML 33Page - STMicroelectronics L5987A Datasheet HTML 34Page - STMicroelectronics L5987A Datasheet HTML 35Page - STMicroelectronics L5987A Datasheet HTML 36Page - STMicroelectronics L5987A Datasheet HTML 37Page - STMicroelectronics L5987A Datasheet HTML 38Page - STMicroelectronics L5987A Datasheet HTML 39Page - STMicroelectronics L5987A Datasheet HTML 40Page - STMicroelectronics L5987A Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
L5987 - L5987A
Package mechanical data
37/42
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of the
second level interconnect is marked on the package and on the inner box label, in
compliance with the JEDEC Standard JESD97. The maximum ratings related to soldering
condition are also marked on the inner box label. ECOPACK® is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42