Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L5986TR Fiches technique(PDF) 34 Page - STMicroelectronics

No de pièce L5986TR
Description  2.5 A step-down switching regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5986TR Fiches technique(HTML) 34 Page - STMicroelectronics

Back Button L5986TR Datasheet HTML 30Page - STMicroelectronics L5986TR Datasheet HTML 31Page - STMicroelectronics L5986TR Datasheet HTML 32Page - STMicroelectronics L5986TR Datasheet HTML 33Page - STMicroelectronics L5986TR Datasheet HTML 34Page - STMicroelectronics L5986TR Datasheet HTML 35Page - STMicroelectronics L5986TR Datasheet HTML 36Page - STMicroelectronics L5986TR Datasheet HTML 37Page - STMicroelectronics L5986TR Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
L5986 - L5986A
Package mechanical data
34/39
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of the
second level interconnect is marked on the package and on the inner box label, in
compliance with the JEDEC Standard JESD97. The maximum ratings related to soldering
condition are also marked on the inner box label. ECOPACK® is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39