Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPC4HDBI Fiches technique(PDF) 63 Page - STMicroelectronics

No de pièce STPC4HDBI
Description  X86 Core PC Compatible Information Appliance System-on-Chip
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC4HDBI Fiches technique(HTML) 63 Page - STMicroelectronics

Back Button STPC4HDBI Datasheet HTML 59Page - STMicroelectronics STPC4HDBI Datasheet HTML 60Page - STMicroelectronics STPC4HDBI Datasheet HTML 61Page - STMicroelectronics STPC4HDBI Datasheet HTML 62Page - STMicroelectronics STPC4HDBI Datasheet HTML 63Page - STMicroelectronics STPC4HDBI Datasheet HTML 64Page - STMicroelectronics STPC4HDBI Datasheet HTML 65Page - STMicroelectronics STPC4HDBI Datasheet HTML 66Page - STMicroelectronics STPC4HDBI Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 93 page
background image
DESIGN GUIDELINES
Release 1.5 - January 29, 2002
63/93
6. DESIGN GUIDELINES
6.1. TYPICAL APPLICATIONS
The STPC Consumer-II is well suited for many
applications.
Some
of
the
possible
implementations are described below.
6.1.1. WEB BOX
A web box is an analog set top box providing
internet browsing capability to a TV set. It has a
TV output for connecting to the TV set, a modem
for internet connection, a smartcard interface for
the ISP access control, and an infrared interface
for the remote control or the keyboard.
Figure 6-1. Web Box
STPC
TV OUTPUT
CONSUMER-II
SDRAM
64
FLASH
MODEM
AUDIO
16
PCI
IDE / PCI
SmartCard
R,G,B, CSYNC
S-VHS
CVBS
VIP
STV2310
SCART 1
SCART 2
microphone
Infrared
Printer port
Local Bus
ISA Bus
or
glue logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93