| Moteur de recherche de fiches techniques de composants électroniques |
|
STPC4HDBC Fiches technique(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPC4HDBC Fiches technique(HTML) 51 Page - STMicroelectronics |
|
51 / 93 page ![]() ELECTRICAL SPECIFICATIONS Release 1.5 - January 29, 2002 51/93 4.5.8 VGA INTERFACE Table 4-16 lists the AC characteristics of the VGA interface. Table 4-16. Graphics Adapter (VGA) AC Timing Name Parameter Min Max Unit DCLK (input) Cycle Time ns DCLK (input) High Time ns DCLK (input) Low Time ns DCLK (input) Rising Time ns DCLK (input) Falling Time ns DCLK (input) to R,G,B valid ns DCLK (input) to HSYNC valid ns DCLK (input) to VSYNC valid ns DCLK (input) to COL_SEL valid ns DCLK (output) Cycle Time ns DCLK (output) High Time ns DCLK (output) Low Time ns DCLK (output) to R,G,B valid ns DCLK (output) to HSYNC valid ns DCLK (output) to VSYNC valid ns DCLK (output) to COL_SEL valid ns |