| Moteur de recherche de fiches techniques de composants électroniques |
|
STPC4EDBC Fiches technique(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPC4EDBC Fiches technique(HTML) 57 Page - STMicroelectronics |
|
57 / 93 page ![]() MECHANICAL DATA Release 1.5 - January 29, 2002 57/93 5. MECHANICAL DATA 5.1. 388-PIN PACKAGE DIMENSION The pin numbering for the STPC 388-pin Plastic BGA package is shown in Figure 5-1. Dimensions are shown in Figure 5-2, Table 5-1 and Figure 5-3, Table 5-2. Figure 5-1. 388-Pin PBGA Package - Top View A B D E F G H J K L M N P R T U V W Y AA AB AC AD AE AF C 13579 11 13 15 17 19 21 23 25 2 4 6 8 10 12 14 16 18 20 22 24 26 A B D E F G H J K L M N P R T U V W Y AA AB AC AD AE AF C 13579 11 13 15 17 19 21 23 25 2468 10 12 14 16 18 20 22 24 26 |