Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPC12GDYC Fiches technique(PDF) 62 Page - STMicroelectronics

No de pièce STPC12GDYC
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC12GDYC Fiches technique(HTML) 62 Page - STMicroelectronics

Back Button STPC12GDYC Datasheet HTML 58Page - STMicroelectronics STPC12GDYC Datasheet HTML 59Page - STMicroelectronics STPC12GDYC Datasheet HTML 60Page - STMicroelectronics STPC12GDYC Datasheet HTML 61Page - STMicroelectronics STPC12GDYC Datasheet HTML 62Page - STMicroelectronics STPC12GDYC Datasheet HTML 63Page - STMicroelectronics STPC12GDYC Datasheet HTML 64Page - STMicroelectronics STPC12GDYC Datasheet HTML 65Page - STMicroelectronics STPC12GDYC Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 111 page
background image
ELECTRICAL SPECIFICATIONS
62/111
Issue 1.0 - July 24, 2002
4.5.8 PCMCIA INTERFACE
Table 4-17 lists the AC characteristics of the
PCMCIA interface.
Table 4-17. PCMCIA Interface AC Timing
Name
Parameters
Min
Max
Units
t27
Input setup to ISACLK2X
24
nS
t28
Input hold from ISACLK2X
5
nS
t29
ISACLK2X to IORD
-
55
nS
t30
ISACLK2X to IORW
-
55
nS
t31
ISACLK2X to AD[25:0]
-
25
nS
t32
ISACLK2X to OE#
2
55
nS
t33
ISACLK2X to WE#
2
55
nS
t34
ISACLK2X to DATA[15:0]
0
35
nS
t35
ISACLK2X to INPACK
2
55
nS
t36
ISACLK2X to CE1#
7
65
nS
t37
ISACLK2X to CE2#
7
65
nS
t38
ISACLK2X to RESET
2
55
nS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More