| Moteur de recherche de fiches techniques de composants électroniques |
|
STPCI2HEYC Fiches technique(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPCI2HEYC Fiches technique(HTML) 53 Page - STMicroelectronics |
|
53 / 111 page ![]() ELECTRICAL SPECIFICATIONS Issue 1.0 - July 24, 2002 53/111 4.5.5 IPC INTERFACE Table 4-13 lists the AC characteristics of the IPC interface. Figure 4-7. IPC timing diagram ISACLK IRQ_MUX[3:0] DREQ_MUX[1:0] ISACLK2X Tdly Tsetup Tsetup Table 4-13. IPC Interface AC Timings Name Parameter Min Max Unit Tdly ISACLK2X to ISACLK delay nS ISACLK2X to DACK_ENC[2:0] valid nS ISACLK2X to TC valid nS Tsetup IRQ_MUX[3:0] Input setup to ISACLK2X 0 - nS Tsetup DREQ_MUX[1:0] Input setup to ISACLK2X 0 - nS |