Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP6NB50FP Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce STP6NB50FP
Description  N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP6NB50FP Fiches technique(HTML) 7 Page - STMicroelectronics

  STP6NB50FP Datasheet HTML 1Page - STMicroelectronics STP6NB50FP Datasheet HTML 2Page - STMicroelectronics STP6NB50FP Datasheet HTML 3Page - STMicroelectronics STP6NB50FP Datasheet HTML 4Page - STMicroelectronics STP6NB50FP Datasheet HTML 5Page - STMicroelectronics STP6NB50FP Datasheet HTML 6Page - STMicroelectronics STP6NB50FP Datasheet HTML 7Page - STMicroelectronics STP6NB50FP Datasheet HTML 8Page - STMicroelectronics STP6NB50FP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
D1
1.27
0.050
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.067
F2
1.14
1.70
0.044
0.067
G
4.95
5.15
0.194
0.203
G1
2.4
2.7
0.094
0.106
H2
10.0
10.40
0.393
0.409
L2
16.4
0.645
L4
13.0
14.0
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.2
6.6
0.244
0.260
L9
3.5
3.93
0.137
0.154
DIA.
3.75
3.85
0.147
0.151
L6
L7
L2
Dia.
L5
L4
L9
TO-220 MECHANICAL DATA
P011C
STP6NB50/FP
7/9



Html Pages

1 2 3 4 5 6 7 8 9