Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MS6330GU Fiches technique(PDF) 9 Page - MOSA ELECTRONICS

No de pièce MS6330GU
Description  16-Bit Stereo Audio DAC & Headphone Driver Power Down Function, Component Less
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOSA [MOSA ELECTRONICS]
Site Internet  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6330GU Fiches technique(HTML) 9 Page - MOSA ELECTRONICS

Back Button MS6330GU Datasheet HTML 3Page - MOSA ELECTRONICS MS6330GU Datasheet HTML 4Page - MOSA ELECTRONICS MS6330GU Datasheet HTML 5Page - MOSA ELECTRONICS MS6330GU Datasheet HTML 6Page - MOSA ELECTRONICS MS6330GU Datasheet HTML 7Page - MOSA ELECTRONICS MS6330GU Datasheet HTML 8Page - MOSA ELECTRONICS MS6330GU Datasheet HTML 9Page - MOSA ELECTRONICS MS6330GU Datasheet HTML 10Page - MOSA ELECTRONICS MS6330GU Datasheet HTML 11Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MOSA
MS6330
16-Bit Stereo Audio DAC & HP Driver with PD
REV 1.0
9
www.mosanalog.com
EXTERNAL DIMENSIONS
MSOP10 package
A
A1
B
C
L
D
H
E
A2
e
TAPE AND REEL
(Unit : mm)
3.0
3.6
12.0
6.9
8.0
5.5
1.75
5.4
2.0
4.0
1.5+0.1/-0.0 DIA
0.5 Radius Typical
1.5 MIN
0.30
0.3R MAX
1.7
2.0
0.05
0.05
0.05
0.3
Dimension in mm Dimension in inch
Symbol
Min
Max
Min
Max
A
0.81
1.12
0.032
0.044
A1
0.05
0.15
0.002
0.006
A2
0.76
0.97
0.030
0.038
B
0.15
0.20
0.006
0.012
C
0.13
0.23
0.005
0.009
D
2.90
3.10
0.114
0.122
H
4.70
5.10
0.185
0.201
E
2.90
3.10
0.114
0.122
e
0.50
0.0197
L
0.40
0.66
0.016
0.026



Html Pages

1 2 3 4 5 6 7 8 9 10 11