Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZVG47W Fiches technique(PDF) 3 Page - SunLED Corporation

No de pièce ZVG47W
Description  9.2mmX1.9mm SIDE VIEW
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUNLED [SunLED Corporation]
Site Internet  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZVG47W Fiches technique(HTML) 3 Page - SunLED Corporation

  ZVG47W Datasheet HTML 1Page - SunLED Corporation ZVG47W Datasheet HTML 2Page - SunLED Corporation ZVG47W Datasheet HTML 3Page - SunLED Corporation ZVG47W Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.SunLED.com
Part Number:
ZVG47W
Published Date : FEB 28,2008
Drawing No :SDSA4395
V3
Checked : B.L.LIU
P.3/4
9.2mmX1.9mm SIDE VIEW
Remarks:
If special sorting is required (e.g. binning based on forward voltage, Luminous intensity/ luminous flux, or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous intensity/ Luminous Flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.



Html Pages

1 2 3 4