Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZVG46W-9 Fiches technique(PDF) 3 Page - SunLED Corporation

No de pièce ZVG46W-9
Description  SUBMINIATURE SOLID STATE LAMP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUNLED [SunLED Corporation]
Site Internet  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZVG46W-9 Fiches technique(HTML) 3 Page - SunLED Corporation

  ZVG46W-9 Datasheet HTML 1Page - SunLED Corporation ZVG46W-9 Datasheet HTML 2Page - SunLED Corporation ZVG46W-9 Datasheet HTML 3Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Published Date : MAY 23,2006
Drawing No : SDSA4600
V2
Checked : B.L.LIU
P.3/3
www.SunLED.com
Part Number:
ZVG46W-9
SUBMINIATURE SOLID STATE LAMP
Tape Specification (Units : mm)
Remarks:
If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous Intensity / Luminous Flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.
Recommended Soldering Pattern (Units: mm ; Tolerance: ± 0.1)



Html Pages

1 2 3