Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV-366-R04 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce STV-366-R04
Description  1.8V optical mouse sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-366-R04 Fiches technique(HTML) 4 Page - STMicroelectronics

  STV-366-R04 Datasheet HTML 1Page - STMicroelectronics STV-366-R04 Datasheet HTML 2Page - STMicroelectronics STV-366-R04 Datasheet HTML 3Page - STMicroelectronics STV-366-R04 Datasheet HTML 4Page - STMicroelectronics STV-366-R04 Datasheet HTML 5Page - STMicroelectronics STV-366-R04 Datasheet HTML 6Page - STMicroelectronics STV-366-R04 Datasheet HTML 7Page - STMicroelectronics STV-366-R04 Datasheet HTML 8Page - STMicroelectronics STV-366-R04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Introduction
VT5366
4/30
1
Introduction
The VT5366 sensor is a single-chip solid state optical tracking engine with no moving parts.
It allows the creation of a highly performing, fully featured wired or wireless mouse with the
minimum of external components. The device, which provides excellent navigation control
and precision, works on a wide range of surfaces.
VT5366 incorporates features that simplify product design and reduce time to market. By
minimizing the number of external components, the mouse manufacturer has flexibility for
layout and product design.
ST has worked with optical component suppliers to produce a single piece light guide with
integrated lens, and makes recommendations for a compatible LED. Details of the optics
and LED are included in this document.
Figure 1.
STV-366-R01 reference design mouse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30