| Moteur de recherche de fiches techniques de composants électroniques |
|
STP4NK60Z Fiches technique(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STP4NK60Z Fiches technique(HTML) 14 Page - STMicroelectronics |
|
14 / 16 page ![]() STP4NK60Z,STP4NK60ZFP,STB4NK60Z,STB4NK60Z-1,STD4NK60Z,STD4NK60Z-1 14/16 TAPE AND REEL SHIPMENT (suffix ”T4”)* TUBE SHIPMENT (no suffix)* D2PAK FOOTPRINT * on sales type DIM. mm inch MIN. MAX. MIN. MAX. A 330 12.992 B 1.5 0.059 C 12.8 13.2 0.504 0.520 D 20.2 0795 G 24.4 26.4 0.960 1.039 N 100 3.937 T 30.4 1.197 BASE QTY BULK QTY 1000 1000 REEL MECHANICAL DATA DIM. mm inch MIN. MAX. MIN. MAX. A0 10.5 10.7 0.413 0.421 B0 15.7 15.9 0.618 0.626 D 1.5 1.6 0.059 0.063 D1 1.59 1.61 0.062 0.063 E 1.65 1.85 0.065 0.073 F 11.4 11.6 0.449 0.456 K0 4.8 5.0 0.189 0.197 P0 3.9 4.1 0.153 0.161 P1 11.9 12.1 0.468 0.476 P2 1.9 2.1 0.075 0.082 R 50 1.574 T 0.25 0.35 0.0098 0.0137 W 23.7 24.3 0.933 0.956 TAPE MECHANICAL DATA |