Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STW8009BS3T/LF Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce STW8009BS3T/LF
Description  Mobile video DENC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8009BS3T/LF Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button STW8009BS3T/LF Datasheet HTML 9Page - STMicroelectronics STW8009BS3T/LF Datasheet HTML 10Page - STMicroelectronics STW8009BS3T/LF Datasheet HTML 11Page - STMicroelectronics STW8009BS3T/LF Datasheet HTML 12Page - STMicroelectronics STW8009BS3T/LF Datasheet HTML 13Page - STMicroelectronics STW8009BS3T/LF Datasheet HTML 14Page - STMicroelectronics STW8009BS3T/LF Datasheet HTML 15Page - STMicroelectronics STW8009BS3T/LF Datasheet HTML 16Page - STMicroelectronics STW8009BS3T/LF Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
Functional description
STw8009/STw8019
12/65
Figure 5.
Input data format (ITU-R656/D1 4:2:2)
Note:
The burst envelope shown here indicates the location from which the first subcarrier positive
zero crossing is sought (with respect to the 0H reference). The normal burst always starts
with such a positive zero crossing.
Digital active line
1440T
1716T
NTSC, PAL M
PAL B, G, H, I, N
SECAM
Square pixel
525 / 60 system
Square pixel
625 / 50 system
T = clock period
PAL, NTSC: 37.037 ns
4T
ES
E
A
V
A
V
A
V
4T
128T
137T
146T (PAL M)
Digital active line
1440T
1728T
128T
151T (145T in SECAM)
Digital active line
1280T
1560T
115T
131T
Digital active line
1536T
1888T
139T
169T
0H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66