| Moteur de recherche de fiches techniques de composants électroniques |
|
STW5094ADT/LF Fiches technique(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STW5094ADT/LF Fiches technique(HTML) 48 Page - STMicroelectronics |
|
48 / 52 page ![]() 47/51 STw5094A APPLICATION NOTE 10 µF VCMHP 100k Ω 16 Ω Min. BC546 BC556 100k Ω 1k Ω 33k Ω DX DR MCLK FS SCK AMCK LRCK SDI AUXCLK BZ SDA SCL REMOUT/OCK 100nF 100nF 8 Ω Min. LSP LSN 0.47 µF FMR 0.47 µF FML 10 µF CAP2 HPR HPL 1.5k Ω 3k Ω 10 µF VDD REMIN 100nF MIC3 100nF MIC2N 100nF MIC2P MIC1N 10 µF 1.8k Ω 750 Ω 100nF 100nF 750 Ω 1.8k Ω MIC1P MBIAS Aux Mic. R L Line In (From FM Stereo Decoder) VDD 1 µF 100nF 100nF Auxiliary Clock To Microprocessor/ VDD Buzzer 32 Ω STw5094A Call/Answer Button Electret Electret System Clock (Audio) [9.5MHz-28MHz] Clock Data Fs Data Data Clock Audio Data Interface I 2 C Bus [8kHz-48kHz] Fs [8kHz/16kHz] Data TX Data RX Voice Ck Interface PCM Clock Out VDDP VDDIO VDD |