| Moteur de recherche de fiches techniques de composants électroniques |
|
QST508CM1 Fiches technique(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
QST508CM1 Fiches technique(HTML) 40 Page - STMicroelectronics |
|
40 / 51 page ![]() Electrical characteristics QST108 40/51 6.9 I2C control interface Subject to general operating conditions for VDD, and TA unless otherwise specified. The QST108 I2C interface meets the requirements of the Standard I2C communication protocol described in the following table with the restriction mentioned below: Refer to I/O port characteristics for more details on the input/output alternate function characteristics (SDA and SCL). Table 34. I²C characteristics (100 kHz speed) Symbol Parameter Min. (1) 1. Data based on standard I2C protocol requirement, not tested in production. Max. (1) Unit tw(SCLL) SCL clock low time 4.7 µs tw(SCLH) SCL clock high time 4.0 tsu(SDA) SDA setup time 250 ns th(SDA) SDA data hold time 0 (2) 2. The maximum hold time of the START condition has only to be met if the interface does not stretch the low period of the SCL signal. tr(SDA) tr(SCL) SDA and SCL rise time 1000 ns tf(SDA) tf(SCL) SDA and SCL fall time 300 th(STA) START condition hold time 4.0 µs tsu(STA) Repeated START condition setup time 4.7 tsu(STO) STOP condition setup time 4.0 μs tw(STO:STA) STOP to START condition time (bus free) 4.7 µs Cb Capacitive load for each bus line 400 pF Table 35. IRQ specific pin characteristics (1) 1. For additional pin parameters, please use the pin description in Section 6.7: KOUTn/OPTn/GPOn pin characteristics on page 36. Symbol Parameter Conditions Min. Typ. Max. Unit tW(IRQ) IRQ pulse width 10 15 µs RIRQ IRQ internal pull-up (2) 2. The IRQ pull-up equivalent resistor is based on a resistive transistor. VDD = 5V 100 120 140 k Ω VDD = 3V 300 |