Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV7710WAF Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STV7710WAF
Description  Vaccum fluorescent display (VFD) driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7710WAF Fiches technique(HTML) 5 Page - STMicroelectronics

  STV7710WAF Datasheet HTML 1Page - STMicroelectronics STV7710WAF Datasheet HTML 2Page - STMicroelectronics STV7710WAF Datasheet HTML 3Page - STMicroelectronics STV7710WAF Datasheet HTML 4Page - STMicroelectronics STV7710WAF Datasheet HTML 5Page - STMicroelectronics STV7710WAF Datasheet HTML 6Page - STMicroelectronics STV7710WAF Datasheet HTML 7Page - STMicroelectronics STV7710WAF Datasheet HTML 8Page - STMicroelectronics STV7710WAF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
STV7710
Mechanical specification
5/21
3
Mechanical specification
3.1
Alignment marks
Figure 4.
Alignment marks
3.2
Pads specification
The reference is the centre of the die (x=0, y=0)
0.15
min. 0.35
min 0.1
0.25
Patterning restricted area
Table 1.
Top side from left to right
Name
Centre: X
Centre: Y
Size: x
SIze: y
OUT54
-773.67
2796.11
76.00
92.00
OUT53
-670.48
2796.11
76.00
92.00
OUT52
-567.29
2796.11
76.00
92.00
OUT51
-464.1
2796.11
76.00
92.00
OUT50
-360.91
2796.11
76.00
92.00
OUT49
-257.72
2796.11
76.00
92.00
OUT48
-154.53
2796.11
76.00
92.00
OUT47
-51.34
2796.11
76.00
92.00
OUT46
51.85
2796.11
76.00
92.00
OUT45
155.04
2796.11
76.00
92.00
OUT44
258.23
2796.11
76.00
92.00
OUT43
361.42
2796.11
76.00
92.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21