| Moteur de recherche de fiches techniques de composants électroniques |
|
STV7733/BMP Fiches technique(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV7733/BMP Fiches technique(HTML) 7 Page - STMicroelectronics |
|
7 / 28 page ![]() STV7733 Power output stage 7/28 5 Power output stage The power output stage is defined by a set of three switches that can select three different output voltages (HVDD, MVDD or VSSP). These switches can also be all opened to configure the output stage in a high impedance (Hi-Z) mode. Depending on the configuration of logic inputs AOC1 and AOC2, the power output stage is configured in either a “data through” mode or a “simultaneous” mode. In the “data through” mode (for AOC1 = AOC2 = “L”), the power output stage converts the 2-bit encoded data that was loaded into the latch stage for each column into a high-voltage level that appears on the output pin. When AOC1 and AOC2 are not both “L”, the power outputs can all operate simultaneously - going to VSSP, MVDD or HVDD depending on AOC1 and AOC2 as described below in Table 3. Table 3. Power output truth table DBn[1] DBn[2] POE AOC1 AOC2 OUTn Comment X X L X X All Hi-Z (1) 1. With input POE = “L”, all power outputs are not active, that is, they are all in Hi-Z. L L H L L Hi-Z (2) 2. Data through mode: each power output depends on the DBn[1:2] value at the falling edge of input /DL. H L H L L VSSP (2) H H H L L MVDD (2) L H H L L HVDD (2) X X H H L All VSSP (3) 3. Output simultaneous mode: all power outputs depend on the “H”/”L” input values for AOC1 and AOC2. X X H L H All MVDD (3) X X H H H All HVDD (3) |