Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV6415AB Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce STV6415AB
Description  I²C bus-controlled video matrix switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6415AB Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button STV6415AB Datasheet HTML 7Page - STMicroelectronics STV6415AB Datasheet HTML 8Page - STMicroelectronics STV6415AB Datasheet HTML 9Page - STMicroelectronics STV6415AB Datasheet HTML 10Page - STMicroelectronics STV6415AB Datasheet HTML 11Page - STMicroelectronics STV6415AB Datasheet HTML 12Page - STMicroelectronics STV6415AB Datasheet HTML 13Page - STMicroelectronics STV6415AB Datasheet HTML 14Page - STMicroelectronics STV6415AB Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
STV6415A
Package mechanical data
13/15
3.1
Environmental
In order to meet environmental requirements, STMicroelectronics offers the STV6415A in
ECOPACK® packages. These packages have a lead-free second level interconnect. The
category of second level interconnect is marked on the package and on the inner box label,
in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at www.st.com.
The ECOPACK version can be identified by the letter ‘E’ beside the ST logo. Both types are
compatible with ROHS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15