| Moteur de recherche de fiches techniques de composants électroniques |
|
STV6414ADT Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV6414ADT Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 32 page ![]() STV6414A Electrical characteristics 13/32 Note: S/N = 20 log (VOUT black to white = 0.7 VPP / VNoise (mVRMS) weighted CCIR 567). 2.5 Chroma section characteristics TAMB =25°C, VCCAO = 12 V, VCC = 5 V, VCC12 = 12 V, VDD = 5 V, RLOUTA = 10 kΩ, RLOUTV = 150 Ω, unless otherwise specified. CTi Crosstalk isolation between input channel VIN = 1 VPP at 4.43 MHz on one point 60 dB CTo Crosstalk Isolation between output channel VIN = 1 VPP at f = 4.43 MHz, on one point, RLOAD = 150Ω 50 dB ROUT Output resistance 5 10 Ω GRGB Gain at RGB outputs VIN = 1 Vpp, gain = 6 dB 5.5 6 6.5 dB GRGBM Gain matching between R, G, B VIN = 1 Vpp, gain = 6 dB -0.3 0 0.3 dB GRGBSTEP Step of gain 3 dB to 6 dB 0.75 1 1.25 dB GYCVBS Gain on Y,/CVBS channels VIN = 1 VPP 5.5 6 6.5 dB GYCVBSM Gain matching between Y, CVBS inputs VIN = 1 VPP -0.5 0 0.5 dB DCOUT DC output voltage Bottom sync pulse 0.6 V DPHI Differential phase VIN = 1 VPP at 4.43 MHz 1 5 ° deg. DG Differential gain VIN = 1 VPP at 4.43 MHz 1 5 % Mute Mute suppression VIN = 1 VPP at 5 MHz on one point -55 dB LNL Luminance non-linearity 0.3 3 % VSN Video S/N Ratio Refer to note below 65 dB Table 7. Video characteristics (continued) Symbol Parameter Test conditions Min Typ Max Unit Table 8. Chroma section characteristics Symbol Parameter Test conditions Min Typ Max Unit VDCIN DC input level 3 V RIN Input resistance 30 50 k Ω CIN Input capacitance 2 pF VIN Max input signal 1.5 VPP DYN Dynamic output signal 3 VPP DCOUT DC output VCR voltage 2.2 V CBW Chroma bandwidth CIN = 1 VPP at -3 db 10 15 MHz CTi Crosstalk isolation between input channel VIN = 1 VPP at 4.43 MHz on one input 55 dB |