Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

QST108AM1 Fiches technique(PDF) 50 Page - STMicroelectronics

No de pièce QST108AM1
Description  Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST108AM1 Fiches technique(HTML) 50 Page - STMicroelectronics

Back Button QST108AM1 Datasheet HTML 43Page - STMicroelectronics QST108AM1 Datasheet HTML 44Page - STMicroelectronics QST108AM1 Datasheet HTML 45Page - STMicroelectronics QST108AM1 Datasheet HTML 46Page - STMicroelectronics QST108AM1 Datasheet HTML 47Page - STMicroelectronics QST108AM1 Datasheet HTML 48Page - STMicroelectronics QST108AM1 Datasheet HTML 49Page - STMicroelectronics QST108AM1 Datasheet HTML 50Page - STMicroelectronics QST108AM1 Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 50 / 51 page
background image
Revision history
QST108
50/51
11-Jul-2008
5
Changed datasheet status to Not for new design.
Updated Figure 2: QTouch™ measuring circuitry to add RS sense
resistor.*
Updated Section 3.5: Detection integrator filter on page 9 and added
Figure 3: Detection signals on page 10.
Added Figure 4: Drift compensation example on page 12.
GET_KEY_ERROR and GET_KEY_STATE read values updated in
Table 10: Supported commands on page 21 and updated note 3.
Updated bit values for Key activation description on page 25.
Added Section 6.3: EMC characteristics on page 32.
Updated Table 30: Capacitive sensing parameters on page 35.
Added Figure 24: 32-pin LQFP32 (7x7 mm) recommended footprint
on page 44.
Added Section 7.1: Soldering information on page 45.
Added Section 9.2.2: Revision 2.3 on page 48.
Table 40.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51