Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV2310 Fiches technique(PDF) 37 Page - STMicroelectronics

No de pièce STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Fiches technique(HTML) 37 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 33Page - STMicroelectronics STV2310 Datasheet HTML 34Page - STMicroelectronics STV2310 Datasheet HTML 35Page - STMicroelectronics STV2310 Datasheet HTML 36Page - STMicroelectronics STV2310 Datasheet HTML 37Page - STMicroelectronics STV2310 Datasheet HTML 38Page - STMicroelectronics STV2310 Datasheet HTML 39Page - STMicroelectronics STV2310 Datasheet HTML 40Page - STMicroelectronics STV2310 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 112 page
background image
37/112
STV2310
Functional Description
Blanking
Blanking
Field 1
Active video in active line section
Blanking code (80 10) also in active line section
Digital Output Frame Overview for Output Standard 3
H=0 SAV
H=1 EAV
line 1 V=1
line 23 (V=0)
line 311 (V=1)
line 336 (V=0)
line 624 (V=1)
Blanking code (80 10) also in active line section
Active video in active line section
Active Video
Field 2
Active Video
Field 1
(F=0)
Odd
line 1
line 313
line 625
Field 2
(F=1)
Even
1888 bytes
line 625 (V=1)
Blanking
Note that the vertical blanking interval has been extended from line 1 to line 22 included (transition
from Field 2 to Field 1 of next Frame) and from line 311 to line 335 included (transition from Field 1 to
Field 2)
The V and H signals change synchronously with the output pixel clock.
The F signal is given as an indication. It is not output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More