| Moteur de recherche de fiches techniques de composants électroniques |
|
STV2310 Fiches technique(PDF) 111 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV2310 Fiches technique(HTML) 111 Page - STMicroelectronics |
|
111 / 112 page ![]() STV2310 111/112 Index A A/D Converter ................................................ 6, 15 Adaptive Time Constant .................................... 16 Alpha Blending .................................................. 23 Anti-Aliasing Filter .............................................. 15 Automatic Flesh Control .................................... 23 Automatic Gain Control ...................................... 14 C CCIR Specification ................................... 6, 24, 41 Chroma Demodulator ...................................21-22 Clocks Pixel ............................................................... 7 System ..................................................... 6, 18 Clocks System ................................................... 16 Color Kill Control ................................................ 66 Comb Filter .......................................................... 1 F Fast Blanking ..................................................... 23 Filtering Comb ........................................................... 19 Notch ........................................................... 19 Flesh Tone Correction ....................................... 23 Flesh Tone Reference Angle ............................. 67 Free-running Mode ............................................ 16 G Green Enhancement ......................................... 68 H Horizontal PLL ................................................... 16 Hue Control ....................................................... 22 Hue Levels ......................................................... 28 I I²C Bus Interface .................................................. 1 Input Sample Rate Converter ............................ 18 M Mixing Slope ...................................................... 23 O Output Pixel Clock Frequency ........................... 40 Output Sample Rate Converter ......................... 24 P Panorama Mode ................................................ 27 Programmable Gain Amplifier ............................ 14 S Skew Extraction ................................................. 16 Soft Mixer ........................................................... 23 Square Pixel Mode ............................................ 26 Standard Identifier ............................................. 21 Synchronization Slicer ....................................... 16 T Tint Angle Correction ......................................... 28 Tint Control ........................................................ 28 V VBI Data Slicer .................................................. 41 Vertical Blanking Interval ................................... 29 Vertical Sync Processor ..................................... 16 XYZ Zoom-In Mode ................................................... 26 Zoom-Out Mode ................................................. 27 |