| Moteur de recherche de fiches techniques de composants électroniques |
|
STI7141 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STI7141 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 6 page ![]() Applications STi7141 2/6 1 Applications The STi7141 is a low-cost, networkable, HDTV set-top box device, with an embeded DOCSIS cable modem capable of providing DSG (DOCSIS set-top gateway), interactive multimedia and internet access for the digital cable market. The STi7141 provides an enhanced performance, lower-cost replacement to the two-chip solution STv0498 and STi7109. The following figures describe typical set-top box applications based on the STi7141. These applications maintain a high degree of software compatibility with set-top box designs based on the STv0498 and STi7109. Figure 1. STi7141 application: HD input SD display cable set-top box platform with DOCSIS 2.0 DDR 2 DDR 2 Filter Opto Opto Ch 3/4 S-Vid Comp S/PDIF Audio USB 2 IR RF Silicon tuner Silicon tuner MoCA MAC and PHY Ethernet PHY Secure micro Cable MSCC RJ45 USB 2 USB PGA FAT1 FAT2 RDC GMII MSCC MII USB 2.0 USB 1.1 USB 1.1 LMI LMI Composite S-Video Audio S/PDIF USB 2.0 IR Power supply components Power on reset Flash EMI |