Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STE2007 Fiches technique(PDF) 52 Page - STMicroelectronics

No de pièce STE2007
Description  96 x 68 Single-chip LCD controller/driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007 Fiches technique(HTML) 52 Page - STMicroelectronics

Back Button STE2007 Datasheet HTML 48Page - STMicroelectronics STE2007 Datasheet HTML 49Page - STMicroelectronics STE2007 Datasheet HTML 50Page - STMicroelectronics STE2007 Datasheet HTML 51Page - STMicroelectronics STE2007 Datasheet HTML 52Page - STMicroelectronics STE2007 Datasheet HTML 53Page - STMicroelectronics STE2007 Datasheet HTML 54Page - STMicroelectronics STE2007 Datasheet HTML 55Page - STMicroelectronics STE2007 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 62 page
background image
Commands
STE2007
52/62
8.17
Bias Ratio
It is possible to select different Bias Ratio.
Table 40.
Bias Ratio
Table 41.
BIAS Ratio
Figure 39.
Bias levels Generator
(D/C)
D7D6D5
D4D3
D2D1
D0
Function
0
0
0
1
1
0
BR2
BR1
BR0
Command Identifier + Data Field
BR2
BR1
BR0
Function
0
0
0
Bias Ratio =1/10 - 81 Lines
0
0
1
Bias Ratio = 1/9 - 65 Lines
0
1
0
Bias Ratio =1/8 - 49 Lines
0
1
1
Bias Ratio = 1/7 - 33 Lines
1
0
0
Bias Ratio =1/6 - 25 Lines
1
0
1
Bias Ratio = 1/5 - 17 Lines
1
1
0
Bias Ratio =1/4 - 9 Lines
1
1
1
Not Used
R
VLCD
VSS
·VLCD
·VLCD
·VLCD
·VLCD
9
10
R
6 R
R
R
8
10
2
10
1
10
R
VLCD
VSS
·VLCD
·VLCD
·VLCD
·VLCD
8
9
R
5 R
R
R
7
9
2
9
1
9
BR=000
BR=001
R
VLCD
VSS
·VLCD
·VLCD
·VLCD
·VLCD
7
8
R
4 R
R
R
6
8
2
8
1
8
R
VLCD
VSS
·VLCD
·VLCD
·VLCD
·VLCD
6
7
R
3 R
R
R
5
7
2
7
1
7
BR=010
BR=011
R
VLCD
VSS
·VLCD
·VLCD
·VLCD
·VLCD
5
6
R
2 R
R
R
4
6
2
6
1
6
R
VLCD
VSS
·VLCD
·VLCD
·VLCD
·VLCD
4
5
R
1 R
R
R
3
5
2
5
1
5
BR=100
BR=101
R
VLCD
VSS
·VLCD
·VLCD
·VLCD
·VLCD
3
4
R
4 R
R
R
2
4
2
4
1
4
BR=110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62