| Moteur de recherche de fiches techniques de composants électroniques |
|
L6258E Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6258E Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 31 page ![]() L6258E 23/31 Figure 10. Electrical model of the load The schematic now shows the equivalent circuit of the stepper motor including a sine wave voltage generator of the Bemf. The Bemf voltage of the motor is not constant, its value changes depending on the speed of the motor. Increasing the motor speed the Bemf voltage increases: Bemf = Kt · ω where: Kt is the motor constant ω is the motor speed in radiant per second The formula defining the gain of the load considering the Bemf of the stepper motor becomes: we can see that the Bemf influences only the gain of the load block and does not introduce any other additional pole or zero, so from the stability point of view the effect of the Bemf of the motor is not critical because the phase margin remains the same. Practically the only effect of the Bemf is to limit the gain of the total Aloop with a consequent variation of the bandwidth of the system. OUT+ Bemf R L L L OUT- R S to Sense Amplifier ACload Vsense Vout --------------------- V S Bemf – () R S R L R S + ---------------------- ⋅ V S ------------------------------------------------------------- == Acload V S Bemf – V S ----------------------------- R S R L R S + ---------------------- ⋅ = ACload dB 20 V S Bemf – V S ----------------------------- R S R L R S + ---------------------- ⋅ ⎝⎠ ⎜⎟ ⎛⎞ log ⋅ = |