| Moteur de recherche de fiches techniques de composants électroniques |
|
L6258 Fiches technique(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6258 Fiches technique(HTML) 12 Page - STMicroelectronics |
|
12 / 32 page ![]() Functional description L6258 12/32 Figure 5. Current control loop block diagram 2.2 Input logic (I0 - I1 - I2 - I3) The current level in the motor winding is selected according to this table: DAC + - + - VDAC ia ic Rc Cc VR ib ERROR AMPL. INPUT TRANSCONDUCTANCE AMPL. VS VS RL LL RS LOAD OUTA OUTB VREF I0 I1 I2 I3 PH Gin=1/Ra VSENSE Gs=1/Rb Tri_180 POWER AMPL. SENSE TRANSCONDUCTANCE AMPL. D97IN625 Tri_0 Table 5. Current levels I3 I2 I1 I0 Current level % of IMAX HH HH No Current HH H L 9.5 HH L H 19.1 HH L L 28.6 HLH H 38.1 HLHL 47.6 HL LH 55.6 HL L L 63.5 LH H H 71.4 LH HL 77.8 LHLH 82.5 |