Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74FCT16500CTPVCG4 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce 74FCT16500CTPVCG4
Description  18-Bit Registered Transceivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

74FCT16500CTPVCG4 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button 74FCT16500CTPVCG4 Datasheet HTML 4Page - Texas Instruments 74FCT16500CTPVCG4 Datasheet HTML 5Page - Texas Instruments 74FCT16500CTPVCG4 Datasheet HTML 6Page - Texas Instruments 74FCT16500CTPVCG4 Datasheet HTML 7Page - Texas Instruments 74FCT16500CTPVCG4 Datasheet HTML 8Page - Texas Instruments 74FCT16500CTPVCG4 Datasheet HTML 9Page - Texas Instruments 74FCT16500CTPVCG4 Datasheet HTML 10Page - Texas Instruments 74FCT16500CTPVCG4 Datasheet HTML 11Page - Texas Instruments 74FCT16500CTPVCG4 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
74FCT162500ATPVCT
SSOP
DL
56
1000
330.0
32.4
11.35
18.67
3.1
16.0
32.0
Q1
74FCT162500CTPVCT
SSOP
DL
56
1000
330.0
32.4
11.35
18.67
3.1
16.0
32.0
Q1
CY74FCT16500CTPACT
TSSOP
DGG
56
2000
330.0
24.4
8.6
15.6
1.8
12.0
24.0
Q1
CY74FCT16500CTPVCT
SSOP
DL
56
1000
330.0
32.4
11.35
18.67
3.1
16.0
32.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
11-Mar-2008
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12