| Moteur de recherche de fiches techniques de composants électroniques |
|
L6204D Fiches technique(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6204D Fiches technique(HTML) 7 Page - STMicroelectronics |
|
7 / 12 page ![]() 7/12 L6204 Figure 4. One Phase Chopping Figure 5. Enable Chopping Figure 6. DEAD TIME To protect the device against simultaneous conduction in both arms of the bridge and the resulting rail-to- rail short, the logic circuits provide a dead time. THERMAL PROTECTION A thermal protection circuit has been included that will disable the device if the junction temperature reach- es 150 °C. When the temperature has fallen to a safe level the device restarts under the control of the input and enable signals. IN1 = H IN2 = L EN1 = H IN1 = H IN2 = H EN1 = H IN1 = H IN2 = L EN1 = H IN1 = X IN2 = X EN1 = L |