Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADE3800SXT Fiches technique(PDF) 33 Page - STMicroelectronics

No de pièce ADE3800SXT
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800SXT Fiches technique(HTML) 33 Page - STMicroelectronics

Back Button ADE3800SXT Datasheet HTML 29Page - STMicroelectronics ADE3800SXT Datasheet HTML 30Page - STMicroelectronics ADE3800SXT Datasheet HTML 31Page - STMicroelectronics ADE3800SXT Datasheet HTML 32Page - STMicroelectronics ADE3800SXT Datasheet HTML 33Page - STMicroelectronics ADE3800SXT Datasheet HTML 34Page - STMicroelectronics ADE3800SXT Datasheet HTML 35Page - STMicroelectronics ADE3800SXT Datasheet HTML 36Page - STMicroelectronics ADE3800SXT Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 138 page
background image
33/138
ADE3800
Register Description by Block
4.6
Sync Retiming (SRT)
The Sync Retiming block retimes synchronization signals (e.g. HSync and VSync) into either the
XCLK or in-clock domains.
SRT provides the following:
● Retimes all sync signals going to SMEAS into the xclk domain
● Extracts vertical sync from composite sync signals
● Divides sclk by up to 1024 for activity detection purposes (SMEAS)
● Generates a delayed version of vertical sync from a mux-selectable vertical sync source
● Generates a coast signal in the xclk domain for the LLPLL
● Measures the effect of the filter on marginal composite sync signals and returns a bad_filter
flag
● Retimes horizontal and vertical syncs into the inclk domain.
4.6.1
Coast Signal
In composite or SOG sync mode, HSYNC pulses may not exist during the VSYNC pulse signal and
will cause the LLK to unlock and loose track of HSYNC signal. Coarse signal (also known as LLK
Inhibit/Free Run signal) is used to generate a vertical pulse that wraps around the incoming
VSYNC.
Coast pulse reference (0) is either edge of VSYNC, and its set and reset values are expressed in
XCLK units.
Figure 6: Vertical sync extraction and filtering
srt_vsync_sel[2]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More