Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FLI8548H Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce FLI8548H
Description  Single-chip enhanced LCD TV controller with HDMI
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLI8548H Fiches technique(HTML) 5 Page - STMicroelectronics

  FLI8548H Datasheet HTML 1Page - STMicroelectronics FLI8548H Datasheet HTML 2Page - STMicroelectronics FLI8548H Datasheet HTML 3Page - STMicroelectronics FLI8548H Datasheet HTML 4Page - STMicroelectronics FLI8548H Datasheet HTML 5Page - STMicroelectronics FLI8548H Datasheet HTML 6Page - STMicroelectronics FLI8548H Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FLI8548H
Ordering information
5/7
3
Ordering information
In order to meet environmental requirements, ST offers this device in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at www.st.com.
Table 1.
Order codes
Part number
Description
FLI8548H-LF-BE
416-ball PBGA



Html Pages

1 2 3 4 5 6 7