| Moteur de recherche de fiches techniques de composants électroniques |
|
FLI8541H Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
FLI8541H Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 7 page ![]() FLI8541H Ordering information 5/7 3 Ordering information In order to meet environmental requirements, ST offers this device in ECOPACK® packages. These packages have a lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at www.st.com. Table 1. Order codes Part number Description FLI8541H-LF-BE 208 PQFP |