| Moteur de recherche de fiches techniques de composants électroniques |
|
ADE3800XL Fiches technique(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ADE3800XL Fiches technique(HTML) 10 Page - STMicroelectronics |
|
10 / 138 page ![]() General Description ADE3800 10/138 Output Mux (OMUX) An extension of the ADE3700 output mux block. The major changes are: - LVDS controls - RSDS split line buffer Timing Controller (TCON) Provides timing for Smart Panel applications and other applications that are sensitive to output synchronization timing. The timing unit is based on horizontal and vertical counters, which are locked with the output video stream. LVDS/RSDS Features Has the following features: - Power down - Output swing and common mode programmable - Individual channel programmable delay - Programmable LVDS clock output polarity Pulse Width Modulation (PWM) Generates two signals that can be used to control backlight inverter switching power components directly. It is derived from XCLK and can be powered up independently of the DOTCLK and INCLK domains. I²C Block Transfer (I2CBKT) Allows the internal I2C parallel bus to be driven by an xclk state machine to perform rapid block transfers between internal addresses. I²C Registers and RAM Addresses Memory mapping of all RAM and register locations accessible by I²C. Table 2: ADE3800 Block Descriptions Block Description |