Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADE3800 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce ADE3800
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button ADE3800 Datasheet HTML 19Page - STMicroelectronics ADE3800 Datasheet HTML 20Page - STMicroelectronics ADE3800 Datasheet HTML 21Page - STMicroelectronics ADE3800 Datasheet HTML 22Page - STMicroelectronics ADE3800 Datasheet HTML 23Page - STMicroelectronics ADE3800 Datasheet HTML 24Page - STMicroelectronics ADE3800 Datasheet HTML 25Page - STMicroelectronics ADE3800 Datasheet HTML 26Page - STMicroelectronics ADE3800 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 138 page
background image
23/138
ADE3800
Register Description by Block
The ADC clamp signal is generated in digital circuitry.
4.3.2.2 SOG Lock State
Set:
● ANA_ADC_SOG_1[0] remains 0,
● ANA_ADC_GRN_2[1] = 0 (ADC clamp on; must be the same as ANA_ADC_SOG_1[3]).
● ANA_ADC_SOG_1[3] = 0 (disable SOG clamp pull down current),
This enables the ADC Clamp circuit and disables the SOG Clamp (this is the recommended order –
it is better to have overlap than no clamp at all). The comparators will continue to compare the input
signal with the reference voltages and provide a correct SOG signal. Comparator threshold voltages
can be adjusted to optimize noise immunity if necessary.
Figure 4: Initial SOG Clamp Phase
ADCSOG1[0] = 0 (pwdnSOG)
ADCSOG1[3] (enSOG) = ADCGRN2[1] = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More