Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

QST508AT0 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce QST508AT0
Description  Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST508AT0 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button QST508AT0 Datasheet HTML 8Page - STMicroelectronics QST508AT0 Datasheet HTML 9Page - STMicroelectronics QST508AT0 Datasheet HTML 10Page - STMicroelectronics QST508AT0 Datasheet HTML 11Page - STMicroelectronics QST508AT0 Datasheet HTML 12Page - STMicroelectronics QST508AT0 Datasheet HTML 13Page - STMicroelectronics QST508AT0 Datasheet HTML 14Page - STMicroelectronics QST508AT0 Datasheet HTML 15Page - STMicroelectronics QST508AT0 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
QST touch sensing technology
QST108
12/51
Figure 4 illustrates an example of the drift compensation algorithm following a temperature
change.
Figure 4.
Drift compensation example
3.11
Adjacent key suppression (AKS™)
Adjacent key suppression (AKS™) is a Quantum-patented feature which prevents multiple
keys from responding to a single touch. This can happen with closely spaced keys, or a
scroll wheel that has buttons very near it.
The QST108 supports two AKS modes:
●
Locking AKS
Once a key is considered as “touched”, all other keys are locked in an untouched state.
To unlock these keys, the touched key must return to an untouched state. Then, the key
having the lowest key ID number is declared as the “touched” one.
●
Unlocking AKS
On each acquisition, the signal strengths from each key are compared and the key with
the highest signal level is declared as the “touched” one.
In I2C mode, up to 8 AKS groups can be specified.
Note:
All keys belonging to the same AKS group must have the same AKS mode.
Reference + DeTh
Reference Count
Reference Count + PosRelTh
Time
Drift Compensation
Temperature Change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com