| Moteur de recherche de fiches techniques de composants électroniques |
|
ST7MDT2-EPB2/EU Fiches technique(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MDT2-EPB2/EU Fiches technique(HTML) 19 Page - STMicroelectronics |
|
19 / 150 page ![]() ST72334xx-Auto, ST72314xx-Auto, ST72124Jx-Auto 19/150 6 DATA EEPROM 6.1 INTRODUCTION The Electrically Erasable Programmable Read Only Memory can be used as a non-volatile back- up for storing data. Using the EEPROM requires a basic access protocol described in this chapter. 6.2 MAIN FEATURES ■ Up to 16 bytes programmed in the same cycle ■ EEPROM mono-voltage (charge pump) ■ Chained erase and programming cycles ■ Internal control of the global programming cycle duration ■ End of programming cycle interrupt flag ■ Wait mode management Figure 6. EEPROM Block Diagram EECSR EEPROM INTERRUPT FALLING EDGE HIGH VOLTAGE PUMP IE LAT 0 0 0 0 0 PGM EEPROM RESERVED DETECTOR EEPROM MEMORY MATRIX (1 ROW = 16 x 8 BITS) ADDRESS DECODER DATA MULTIPLEXER 16 x 8 BITS DATA LATCHES ROW DECODER DATA BUS 4 4 4 128 128 ADDRESS BUS |