Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST6253CM3/XXX Fiches technique(PDF) 58 Page - STMicroelectronics

No de pièce ST6253CM3/XXX
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6253CM3/XXX Fiches technique(HTML) 58 Page - STMicroelectronics

Back Button ST6253CM3/XXX Datasheet HTML 54Page - STMicroelectronics ST6253CM3/XXX Datasheet HTML 55Page - STMicroelectronics ST6253CM3/XXX Datasheet HTML 56Page - STMicroelectronics ST6253CM3/XXX Datasheet HTML 57Page - STMicroelectronics ST6253CM3/XXX Datasheet HTML 58Page - STMicroelectronics ST6253CM3/XXX Datasheet HTML 59Page - STMicroelectronics ST6253CM3/XXX Datasheet HTML 60Page - STMicroelectronics ST6253CM3/XXX Datasheet HTML 61Page - STMicroelectronics ST6253CM3/XXX Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 84 page
background image
58/84
ST62T53C/T60C/T63C ST62E60C
SERIAL PERIPHERAL INTERFACE SPI (Cont’d)
Figure 34. CPOL = 0 Clock Polarity Normal, CPHA = 1 Phase Selection Shifted
Figure 35. CPOL = 1 Clock Polarity Inverted, CPHA = 1 Phase Selection Shifted
SPRUN
SCK
Sout
b7
b6
b5
b4
b3
b2
b1
b0
VR0B1694
Sin
Sampling
SPRUN
SCK
Sout
b7
b6
b5
b4
b3
b2
b1
b0
VR0C1694
Sin
Sampling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84