| Moteur de recherche de fiches techniques de composants électroniques |
|
ST6253CM6/XXX Fiches technique(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6253CM6/XXX Fiches technique(HTML) 60 Page - STMicroelectronics |
|
60 / 84 page ![]() 60/84 ST62T53C/T60C/T63C ST62E60C 5.3 INSTRUCTION SET The ST6 core offers a set of 40 basic instructions which, when combined with nine addressing modes, yield 244 usable opcodes. They can be di- vided into six different types: load/store, arithme- tic/logic, conditional branch, control instructions, jump/call, and bit manipulation. The following par- agraphs describe the different types. All the instructions belonging to a given type are presented in individual tables. Load & Store. These instructions use one, two or three bytes in relation with the addressing mode. One operand is the Accumulator for LOAD and the other operand is obtained from data memory using one of the addressing modes. For Load Immediate one operand can be any of the 256 data space bytes while the other is always immediate data. Table 17. Load & Store Instructions Notes: X,Y. Indirect Register Pointers, V & W Short Direct Registers # . Immediate data (stored in ROM memory) rr. Data space register ∆. Affected * . Not Affected Instruction Addressing Mode Bytes Cycles Flags ZC LD A, X Short Direct 1 4 ∆ * LD A, Y Short Direct 1 4 ∆ * LD A, V Short Direct 1 4 ∆ * LD A, W Short Direct 1 4 ∆ * LD X, A Short Direct 1 4 ∆ * LD Y, A Short Direct 1 4 ∆ * LD V, A Short Direct 1 4 ∆ * LD W, A Short Direct 1 4 ∆ * LD A, rr Direct 2 4 ∆ * LD rr, A Direct 2 4 ∆ * LD A, (X) Indirect 1 4 ∆ * LD A, (Y) Indirect 1 4 ∆ * LD (X), A Indirect 1 4 ∆ * LD (Y), A Indirect 1 4 ∆ * LDI A, #N Immediate 2 4 ∆ * LDI rr, #N Immediate 3 4 * * |