| Moteur de recherche de fiches techniques de composants électroniques |
|
QST508CM0 Fiches technique(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
QST508CM0 Fiches technique(HTML) 20 Page - STMicroelectronics |
|
20 / 51 page ![]() Device operating modes QST108 20/51 4.6.2 General-purpose outputs I2C mode allows to drive up to 5 general-purpose outputs. These output pins are configured in output push pull mode 0 by default. Their state can be changed using the SET_GPIO_STATE I2C command. Figure 7. Optional LED schematic 4.6.3 IRQ pin The IRQ pin is an open drain output with an internal pull-up. It can be used to inform the Master device about any change in the key status. The IRQ line is pulled low every time the state of any of the enabled keys changes. This includes any change in the touch state of the key, a faulty key or a new calibration of one or more keys. The reported changes may then be accessed by the Master device by using the GET_KEY_STATE command. To improve communication response time, this signal suspends Low Power mode until the Master device has issued a communication with the QST device. 4.6.4 Communication packet The communication between the Master device and the QST108 (Slave) consists of two standard I2C frames. The first frame is sent by the Master device using the QST108 device address with the write bit set. The data bytes consist of the command byte which is eventually followed by the parameters and a checksum byte. The second one is sent by the Master device using the QST108 device address with the write bit reset. The QST108 completes the frame with data according to the command previously sent by the Master device. The device finishes the frame by sending a checksum byte for communication integrity verification. If the read frame is omitted, the command may not be taken into account. To initiate the communicate with the QST108, the Master device must send the GET_DEVICE_INFO command in order to unlock access to all the other commands. Ai12570 GPOn VUNREG R C (10 nF) |