Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA529 Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce STA529
Description  2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA529 Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button STA529_07 Datasheet HTML 26Page - STMicroelectronics STA529_07 Datasheet HTML 27Page - STMicroelectronics STA529_07 Datasheet HTML 28Page - STMicroelectronics STA529_07 Datasheet HTML 29Page - STMicroelectronics STA529_07 Datasheet HTML 30Page - STMicroelectronics STA529_07 Datasheet HTML 31Page - STMicroelectronics STA529_07 Datasheet HTML 32Page - STMicroelectronics STA529_07 Datasheet HTML 33Page - STMicroelectronics STA529_07 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 58 page
background image
Serial audio interface
STA529
30/58
8.4.1
DSP
Figure 11.
DSP
8.4.2
I2S
Figure 12.
I2S
12 3
n-1 n
LRCLKI/
LRCLKO
BICLKI/
BICLKO
SDATAI/
SDATAO
12 3
n-1 n
Left
Right
12 3
n-1 n
LRCLKI/
LRCLKO
BICLKI/
BICLKO
SDATAI/
SDATAO
12 3
n-1 n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58