Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA335BWS13TR Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce STA335BWS13TR
Description  2.1-channel high-efficiency digital audio system
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335BWS13TR Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button STA335BWS13TR Datasheet HTML 9Page - STMicroelectronics STA335BWS13TR Datasheet HTML 10Page - STMicroelectronics STA335BWS13TR Datasheet HTML 11Page - STMicroelectronics STA335BWS13TR Datasheet HTML 12Page - STMicroelectronics STA335BWS13TR Datasheet HTML 13Page - STMicroelectronics STA335BWS13TR Datasheet HTML 14Page - STMicroelectronics STA335BWS13TR Datasheet HTML 15Page - STMicroelectronics STA335BWS13TR Datasheet HTML 16Page - STMicroelectronics STA335BWS13TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
STA335BWS
Connection diagram and pin description
13/68
2.3
Thermal data
Table 2.
Thermal data
Parameter
Min
Typ
Max
Unit
Rth j-case
Thermal resistance junction-case (thermal
pad)
1.5
°C/W
Tth-sdj
Thermal shut-down junction temperature
150
°C
Tth-w
Thermal warning temperature
130
°C
Tth-sdh
Thermal shut-down hysteresis
20
°C
Rth j-amb
Thermal resistance junction-ambient (1)
1.
See Section 8: Package thermal characteristics on page 64 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68