| Moteur de recherche de fiches techniques de composants électroniques |
|
ST62T03BNA/CCCE Fiches technique(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62T03BNA/CCCE Fiches technique(HTML) 41 Page - STMicroelectronics |
|
41 / 96 page ![]() ST6200CM-Auto/ ST6201CM-Auto/ST6203CM-Auto 41/96 9 ON-CHIP PERIPHERALS 9.1 WATCHDOG TIMER (WDG) 9.1.1 Introduction The Watchdog timer is used to detect the occur- rence of a software fault, usually generated by ex- ternal interference or by unforeseen logical condi- tions, which causes the application program to abandon its normal sequence. The Watchdog cir- cuit generates an MCU reset on expiry of a pro- grammed time period, unless the program refresh- es the counter’s contents before the SR bit be- comes cleared. 9.1.2 Main Features ■ Programmable timer (64 steps of 3072 clock cycles) ■ Software reset ■ Reset (if watchdog activated) when the SR bit reaches zero ■ Hardware or software watchdog activation selectable by option bit (Refer to the option bytes section) Figure 25. Watchdog Block Diagram RESET C 7-BIT DOWNCOUNTER fint /12 SR T0 CLOCK DIVIDER WATCHDOG REGISTER (WDGR) ÷ 256 T1 T2 T3 T4 T5 bit 0 bit 7 1 |