| Moteur de recherche de fiches techniques de composants électroniques |
|
ST6203LMA/CCCE Fiches technique(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6203LMA/CCCE Fiches technique(HTML) 7 Page - STMicroelectronics |
|
7 / 96 page ![]() ST6200CM-Auto/ ST6201CM-Auto/ST6203CM-Auto 7/96 2 PIN DESCRIPTION Figure 2. 16-Pin Package Pinout Table 1. Device Pin Description Legend / Abbreviations for Table 1: * Depending on device. Please refer to I/O Port section. I = input, O = output, S = supply, IPU = input pull-up The input with pull-up configuration (reset state) is valid as long as the user software does not change it. Refer to Section 8 "I/O PORTS" on page 36 for more details on the software configuration of the I/O ports. 16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8 VDD PB5/Ain* Ain*/PB6 Ain*/PB7 RESET VPP NMI OSCout OSCin VSS PB3/Ain* PB1 PB0 PA3/20mA Sink PA2/20mA Sink PA1/20mA Sink it2 it1 itX associated interrupt vector * Depending on device. Please refer to I/O Port section. it2 Pin n° Pin Name Main Function (after Reset) Alternate Function 1 VDD S Main power supply 2 OSCin I External clock input or resonator oscillator inverter input 3 OSCout O Resonator oscillator inverter output or resistor input for RC oscillator 4 NMI I Non maskable interrupt (falling edge sensitive) 5 VPP Must be held at Vss for normal operation, if a 12.5V level is applied to the pin during the reset phase, the device enters EPROM programming mode. 6 RESET I/O Top priority non maskable interrupt (active low) 7 PB7/Ain* I/O Pin B7 (IPU) Analog input 8 PB6/Ain* I/O Pin B6 (IPU) Analog input 9 PB5/Ain* I/O Pin B5 (IPU) Analog input 10 PB3/Ain* I/O Pin B3 (IPU) Analog input 11 PB1 I/O Pin B1 (IPU) 12 PB0 I/O Pin B0 (IPU) 13 PA3/ 20mA Sink I/O Pin A3 (IPU) 14 PA2/ 20mA Sink I/O Pin A2 (IPU) 15 PA1/ 20mA Sink I/O Pin A1 (IPU) 16 VSS S Ground |